Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download B250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B220 thru B260
Surface Mount Schottky Barrier Rectifiers
REVERSE VOLTAGE 20 TO 60 VOLTS FORWARD CURRENT 2.0 AMPERE
*For Surface Mount Application *Metal-Semiconductor Junction With Guardring *Epitaxial Construction *Very Low Forward Voltage Drop *High Current Capability *Plastic Meterial Has UL Flammability Classification 94V-0 *For Use In Low , And Polarity Protection Applications
Feature:
*Case : Molded Plastic *Polarity :Indicated by cathode band *Weight : 0.003 Ounce ,0.093 grams
Mechanical Data
SMB(DO-214AA)
SMB Outline Dimension SMB Min
3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00
Unit:mm
Dim A B C D E G H J
Max
3.94 4.80 2.21 0.31 5.59 0.20 1.52 2.62
http://www.weitron.com.tw
WEITRON
B220 thru B260
Maximum Ratings and Electrical Characteristics
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC=100 C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 2.0A DC Maximum DC Reverse Current @Tj=25 C At Rated DC Blocking Voltage @Tj=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Symbol
VRRM VRMS VDC IF(AV)
B220 20 14 20
B230 30 21 30
B240 40 28 40 2.0
B250 50 35 50
B260 60 42 60
Unit
V V V A
IFSM VF IR CJ
50
A
0.5 0.5 20 200 15 -55 to+125 -55 to+150
0.7
V mA
PF
R JL
TJ TSTG
C/W
C C
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to case.
WEITRON
http://www.weitron.com.tw
B220 thru B260
FIG.1 FORDWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1 PULSE WIDTH 8.3ms SINGLE MALF-SINE-WAVE (JEDEC METHOD) 2 5 10 20 50 100
2.0
1.0
SIGNE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 25 50 75 100 125 150 175
LEAD TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT,(A) 10
1000
FIG.4 TYPICAL JUNCTION CAPACITANCE
1.0
B250 to B260
CAPACITANCE , (pF)
B220 to B240
100
0.1
.01 0
TJ=25 C PULSEWIDTH:300us
TJ=25 C F=1MHz
0.2
0.4
0.6
0.8
1.0
10
0.1
1.0
4.0
10.0
100
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
REVERSE VOLTAGE , (VOLTS)
FIG.5 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT ,(mA)
100
10
TJ=125 C TJ=100 C
1.0
0.1
0.01 TJ=25 C 0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of B250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X